specifications smartrack enclosure skirt kit for euro-series wide server rack, 800 mm width model number: SRSKIRTEU server rack skirt kit blocks unwanted airflow beneath 800 mm wide rack enclosure cabinets to improve cooling efficiency. features improves cooling efficiency and optimizes airflow in your tripp lite euro-series rack this smartrack? enclosure skirt kit blocks unwanted airflow under a rack enclosure cabinet. by segregating cold aisle from hot aisle, this easy-to-install brush strip helps you reduce operating costs, improve equipment performance and provide longer lifespans for rack-mounted networking components. it also prevents dust from infiltrating the rack?s interior. installation is simple and hassle-free this server rack skirt kit is compatible with tripp lite?s euro-series rack cabinets, including srx42 and srx47, which measure 800 millimeters in width. all necessary mounting equipment is included. just install the brush strip at floor level across the front or rear of the cabinet to prevent an air stream from forming between hot and cold aisles. highlights improves cooling efficiency by segregating hot aisles from cold aisles l hassle-free brush strip also prevents dust from getting inside the rack l compatible with tripp lite srx42 and srx47 800 mm wide racks l includes all necessary installation hardware, so you can mount immediately l applications prevent unwanted airflow under your rack enclosure to segregate cold aisle from hot aisle l system requirements compatible with tripp lite euro- series wide rack enclosures, including srx42 and srx47 l package includes SRSKIRTEU smartrack enclosure skirt kit for euro- series wide server rack l mounting hardware l overview upc code 03733221438 physical shipping dimensions (hwd / in.) 0.59 x 32.28 x 2.75 shipping dimensions (hwd / cm) 1.50 x 81.99 x 6.98 1 / 2
? 2019 tripp lite. all rights reserved. all product and company names are trademarks or registered trademarks of their respective holders. use of them does not imply any affiliation with or endorsement by them. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. tripp lite uses primary and third-party agencies to test its products for compliance with standards. see a list of tripp lite's testing agencies: https://www.tripplite.com/products/product-certification-agencies shipping weight (lbs.) 0.73 shipping weight (kg) 0.33 unit dimensions (hwd / in.) 2.5 x 31.490 x .39 unit dimensions (hwd / cm) 6.35 x 81.99 x 0.99 unit weight (lbs.) 0.579 unit weight (kg) 0.26 warranty product warranty period (worldwide) 5-year limited warranty 2 / 2
|